|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LESHAN RADIO COMPANY LTD. D4SB10(KBJ601G) Thru D4SB100(KBJ610G) FEATURES Plastic Package has Underwriters Laboratory Flammability Classification 94V-0 This series is UL listed under the Recognized Component index,file number E231047 Single-in-line package High current capality with small package Superior thermal conductivity High temperature soldering guaranted: 260 /10 seconds High IFSM Maximum Ratings & Thermal Characteristics Ratings at 25 ambient temperature unless otherwise specified. Parameter Symbol Maximum repetitive voltage Maximum DC reverse current at rated DC blocking voltage TA=25 TA=125 Symbol VRM IR D4SB10 D4SB20 D4SB40 D4SB60 D4SB80 D4SB100 Unit V A KBJ601G KBJ602G KBJ604G KBJ606G KBJ608G KBJ610G 100 200 400 10 500 6 120 2.5 1.1 150 600 800 1000 Average rectified forward current 60Hz Sine wave Resistance load with heat sink Tc=100 Peak forward surge current 8.3ms single half sinewave superimposed on rated load Dielectric strength Terminals to case AC 1 minute Current 1mA Maximum instantaneous forward voltage at 3A Operating junction temperature Storage temperature Io IFSM Vdia VF TJ Tstg A A KV V -40~150 |
Price & Availability of D4SB80 |